Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL22323TFV14Z Datasheet (PDF) - Intersil Corporation

ISL22323TFV14Z Datasheet PDF - Intersil Corporation
Part # ISL22323TFV14Z
Download  ISL22323TFV14Z Download
File Size   751.26 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C® Bus, 256 Taps

ISL22323TFV14Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22323TFV14Z Datasheet PDF - Intersil Corporation

Part # ISL22323TFV14Z
Download  ISL22323TFV14Z Click to download

File Size   751.26 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C® Bus, 256 Taps

ISL22323TFV14Z Datasheet (HTML) - Intersil Corporation


ISL22323TFV14Z Product details

The ISL22323 integrates two digitally controlled
potentiometers (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WRi) and a non-volatile Initial Value
Register (IVRi) that can be directly written to and read by the
user. The contents of the WRi control the position of the
corresponding wiper. At power up the device recalls the
contents of the DCP’s IVRi to the correspondent WRi.
The ISL22323 also has 13 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22323 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
Each DCP can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Two potentiometers in one package
• 256 resistor taps
• I2C serial interface
- Three address pins, up to eight devices per bus
• Non-volatile EEPROM storage of wiper position
• 13 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T +55°C
• Wiper resistance: 70 typical @ 1mA
• Standby current <4µA max
• Shut-down current <4µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
• 10k 50kor 100k total resistance
• Extended industrial temperature range: -40 to +125°C
• 14 Ld TSSOP or 16 Ld QFN
• Pb-free (RoHS compliant)




Similar Part No. - ISL22323TFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
703Kb / 18P
Dual Digitally Controlled Potentiometer XDCP
March 13, 2008
logo
Renesas Technology Corp
ISL22323TFV14Z RENESAS-ISL22323TFV14Z Datasheet
1Mb / 19P
Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results


Similar Description - ISL22323TFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
Low Noise/Low Power/I2C Bus/256 Taps
October 13, 2005
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
August 1, 2005
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
July 27, 2005
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
Low Noise, Low Power, I2C Bus, 256 Taps
June 14, 2005
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
Low Noise, Low Power I2C Bus, 256 Taps
September 19, 2006
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com