Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C5964 Datasheet (PDF) - Hamamatsu Corporation

C5964 Datasheet PDF - Hamamatsu Corporation
Part # C5964_15
Download  C5964 Download
File Size   198.41 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description UV to near infrared range (200 to 1000 nm) For multichannel spectrophotometry

C5964 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5964 Datasheet PDF - Hamamatsu Corporation

Part # C5964_15
Download  C5964 Click to download

File Size   198.41 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description UV to near infrared range (200 to 1000 nm) For multichannel spectrophotometry

C5964 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - C5964_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-1010 HAMAMATSU-C5964-1010 Datasheet
243Kb / 6P
NMOS multichannel detector head
C5964-1010 HAMAMATSU-C5964-1010 Datasheet
286Kb / 6P
NMOS multichannel detector head
C5964-1011 HAMAMATSU-C5964-1011 Datasheet
243Kb / 6P
NMOS multichannel detector head
C5964-1011 HAMAMATSU-C5964-1011 Datasheet
286Kb / 6P
NMOS multichannel detector head
More results


Similar Description - C5964_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
Si photodiode UV to near IR for precision photometry
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
logo
Shenzhen Taychipst Elec...
1N4942 TAYCHIPST-1N4942 Datasheet
630Kb / 2P
VOLTAGE RANGE 200 TO 1000 VOLTS CUR RENT 1.0 AMPERE
logo
Microdiode Semiconducto...
MDDCD2S CHENDA-MDDCD2S Datasheet
382Kb / 3P
Voltage Range - 200 to 1000 Volts Current - 1.0 Ampere Ideal for printed circuit board
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
Near Infrared LED
logo
Hamamatsu Corporation
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
S9251 HAMAMATSU-S9251_15 Datasheet
492Kb / 4P
High sensitivity in near infrared range
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
Near infrared (0.9 to 1.7 m) image sensors
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com