Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LXM1612-05-XX Datasheet (PDF) - Microsemi Corporation

LXM1612-05-XX Datasheet PDF - Microsemi Corporation
Part # LXM1612-05-XX
Download  LXM1612-05-XX Download
File Size   247.86 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5V Highly-Integrated, Digital Dimming CCFL Inverter Module

LXM1612-05-XX Datasheet (PDF)

Go To PDF Page Download Datasheet
LXM1612-05-XX Datasheet PDF - Microsemi Corporation

Part # LXM1612-05-XX
Download  LXM1612-05-XX Click to download

File Size   247.86 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5V Highly-Integrated, Digital Dimming CCFL Inverter Module

LXM1612-05-XX Datasheet (HTML) - Microsemi Corporation


LXM1612-05-XX Product details

DESCRIPTION
RangeMAX Wide Range Dimming, Single Output Inverter. The LXM1612-05-xx series of Direct Drive™ CCFL (Cold Cathode Fluorescent Lamp) Inverter Modules are specifically designed for driving LCD backlight lamps.
RangeMAX Digital Dimming Technique. Digital Dimming provides flicker-free brightness control in any wide-range dimming application. The modules are equipped with a dimming input that permits brightness control from either an external potentiometer, DC voltage source, or PWM signal. The resultant “burst drive” that energizes the lamp was designed specifically to ensure that no premature lamp degradation occurs.
Input Voltage Range. The modules convert DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. A 12V input inverter is also available (LXM1612-12-xx) Direct Drive Technology. The module design is based on a new Direct Drive topology, which provides a number of cost and performance advantages.
Additional Features. Other benefits of this new topology are fixed-frequency operation and secondary-side strike voltage regulation and all LXM1612-05-xx modules feature both open and shorted lamp protection.
KEY FEATURES
■ RangeMAX Wide Range Dimming
■ Single 5V Input Voltage
■ Fully Integrated Direct Drive And Dimming Control
■ Single Sided PCB Layout
■ Easy To Use Brightness Control
■ MicroAmp SLEEP Mode
■ Output Short-Circuit
   Protection And Automatic
   Strike-Voltage Regulation
■ Fixed Frequency Operation

APPLICATIONS
■ Notebook And Sub-Notebook Computers
■ Portable Instrumentation
■ Desktop Displays
■ Low Ambient Light
   Conditions (i.e. Aircraft Cabins, Automobile)




Similar Part No. - LXM1612-05-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1612-12-01 MICROSEMI-LXM1612-12-01 Datasheet
249Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-12-02 MICROSEMI-LXM1612-12-02 Datasheet
249Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-12-03 MICROSEMI-LXM1612-12-03 Datasheet
249Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-12-XX MICROSEMI-LXM1612-12-XX Datasheet
249Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
More results


Similar Description - LXM1612-05-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1612-12-XX MICROSEMI-LXM1612-12-XX Datasheet
249Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
Digital Dimming CCFL Inverter Module
LXMG1612-05-XX MICROSEMI-LXMG1612-05-XX Datasheet
133Kb / 6P
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-12-XX MICROSEMI-LXMG1612-12-XX Datasheet
132Kb / 6P
12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1615-03-XX MICROSEMI-LXMG1615-03-XX Datasheet
149Kb / 6P
3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com