Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SKPG Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKPG Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKPG_15
Download  SKPG Download
File Size   869.14 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description High Operation Force with 5mm Height (Surface Mount Type)

SKPG Datasheet (PDF)

Go To PDF Page Download Datasheet
SKPG Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKPG_15
Download  SKPG Click to download

File Size   869.14 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description High Operation Force with 5mm Height (Surface Mount Type)

SKPG Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SKPG_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPGAAE010 ALPS-SKPGAAE010 Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPGABE010 ALPS-SKPGABE010 Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPGACE010 ALPS-SKPGACE010 Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
More results


Similar Description - SKPG_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKPF ALPS-SKPF Datasheet
182Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKRP ALPS-SKRP Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
logo
CAMBION Electronic Comp...
555-8062 CAMBION-555-8062 Datasheet
48Kb / 2P
Surface mount power inductors, 5mm
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF_15 Datasheet
833Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
High Operation Force, Low Contact Resistance (Surface Mount Type)
SKSL ALPS-SKSL Datasheet
754Kb / 3P
Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
SKSN ALPS-SKSN_15 Datasheet
763Kb / 3P
Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com