Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C460RT290-S0200 Datasheet (PDF) - Cree, Inc

C460RT290-S0200 Datasheet PDF - Cree, Inc
Part # C460RT290-S0200_16
Download  C460RT290-S0200 Download
File Size   203.96 Kbytes
Page   4 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Reduced Forward Voltage 3.2 V Typical at 20 mA

C460RT290-S0200 Datasheet (PDF)

Go To PDF Page Download Datasheet
C460RT290-S0200 Datasheet PDF - Cree, Inc

Part # C460RT290-S0200_16
Download  C460RT290-S0200 Click to download

File Size   203.96 Kbytes
Page   4 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Reduced Forward Voltage 3.2 V Typical at 20 mA

C460RT290-S0200 Datasheet (HTML) - Cree, Inc




Similar Part No. - C460RT290-S0200_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT290-S0200 CREE-C460RT290-S0200 Datasheet
203Kb / 4P
RazerThin® LEDs
logo
Marktech Corporate
C460RT290-S0200 MARKTECH-C460RT290-S0200 Datasheet
229Kb / 4P
RazerThin LEDs
More results


Similar Description - C460RT290-S0200_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
Reduced Forward Voltage 3.1 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
Low Forward Voltage 3.2 V Typical at 20 mA
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
Reduced Forward Voltage 3.1 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
Low Forward Voltage - 3.2 Typical at 20 mA
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com