|
Couplers with Connectors (H Type) ■ Features 1. High Performance The high frequency characteristics feature extremely low loss, a high degree of matching, and high isolation. 2. Power Uniform Distribution and 90˚Phase Difference Type This is a one input, two output (or two input, one output) power uniform distribution type having a 90˚phase difference between the two outputs (or two inputs). 3. Miniature and Lightweight Corrosion-resistant aluminum is used for the case and the Hirose Electric original pattern design, which uses a stripline triplate method, enables the couplers to be miniature and lightweight. 4. Couplers with SMA Connectors Use of SMA connectors (Hirose Electric HRM Series) which feature stainless steel for the exterior cladding make these couplers durable.
|