Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XR76116ELTR-F Datasheet (PDF) - Exar Corporation

XR76116ELTR-F Datasheet PDF - Exar Corporation
Part # XR76116ELTR-F
Download  XR76116ELTR-F Download
File Size   1003.18 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description PowerBloxTM 15A and 20A Synchronous

XR76116ELTR-F Datasheet (PDF)

Go To PDF Page Download Datasheet
XR76116ELTR-F Datasheet PDF - Exar Corporation

Part # XR76116ELTR-F
Download  XR76116ELTR-F Click to download

File Size   1003.18 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description PowerBloxTM 15A and 20A Synchronous

XR76116ELTR-F Datasheet (HTML) - Exar Corporation




Similar Part No. - XR76116ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76115EL-F EXAR-XR76115EL-F Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76115ELMTR-F EXAR-XR76115ELMTR-F Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76115ELTR-F EXAR-XR76115ELTR-F Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76115EVB EXAR-XR76115EVB Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
More results


Similar Description - XR76116ELTR-F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
Eldeco Srl
CMD-VF ELDECO-CMD-VF Datasheet
297Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
logo
Exar Corporation
XR76117 EXAR-XR76117 Datasheet
3Mb / 18P
PowerBloxTM 15A Synchronous
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
ON Semiconductor
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
15A Synchronous Buck Regulator
Rev. 1.1
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
20A Synchronous Buck Regulator
Rev. 1.1
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
20A Synchronous Buck Regulator
April 2016 Rev. 1.1
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com