Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT49FCT20805 Datasheet (PDF) - Integrated Device Technology

IDT49FCT20805 Datasheet PDF - Integrated Device Technology
Part # IDT49FCT20805
Download  IDT49FCT20805 Download
File Size   63.66 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER

IDT49FCT20805 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT49FCT20805 Datasheet PDF - Integrated Device Technology

Part # IDT49FCT20805
Download  IDT49FCT20805 Click to download

File Size   63.66 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER

IDT49FCT20805 Datasheet (HTML) - Integrated Device Technology


IDT49FCT20805 Product details

DESCRIPTION:

The FCT20805 is a 2.5 volt clock driver built using advanced CMOS technology. The device consists of two banks of drivers, each with a 1:5 fanout and its own output enable control. The device has a "heartbeat" monitor for diagnostics and PLL driving. The MON output is identical to all other outputs

and complies with the output specifications in this document. The FCT20805 offers low capacitance inputs.



FEATURES:

• Advanced CMOS Technology

• Guaranteed low skew < 200ps (max.)

• Very low propagation delay < 2.5ns (max)

• Very low duty cycle distortion < 270ps (max)

• Very low CMOS power levels

• Operating frequency up to 166MHz

• TTL compatible inputs and outputs

• Two independent output banks with 3-state control

• 1:5 fanout per bank

• "Heartbeat" monitor output

•VCC= 2.5V ± 0.2V

• Available in SSOP, QSOP, and VFQFPN packages




Similar Part No. - IDT49FCT20805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
103Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
IDT49FCT20805PYGI RENESAS-IDT49FCT20805PYGI Datasheet
273Kb / 9P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
IDT49FCT20805QGI RENESAS-IDT49FCT20805QGI Datasheet
273Kb / 9P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
More results


Similar Description - IDT49FCT20805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
2.5V CMOS Dual 1-To-5 Clock Driver
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
2.5V CMOS Dual 1-To-5 Clock Driver
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com