| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP3063
|
259Kb / 16P |
1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1 |
|
MC34163
|
248Kb / 16P |
3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5 |
|
MC34166
|
265Kb / 18P |
3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7 |
|
MC34167
|
263Kb / 20P |
5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7 |
|
MC34063A
|
159Kb / 13P |
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19 |
|
NCV33163
|
202Kb / 15P |
2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2 |
|
MC34063A
|
1Mb / 15P |
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23 |
|
MC34163
|
262Kb / 16P |
3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6 |
|
MC34063LINVEVB
|
1Mb / 15P |
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23 |
|
MC34167
|
263Kb / 20P |
5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7 |