Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K4X56163PE Datasheet (PDF) - Samsung semiconductor

K4X56163PE Datasheet PDF - Samsung semiconductor
Part # K4X56163PE
Download  K4X56163PE Download
File Size   698.97 Kbytes
Page   48 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16M x16 Mobile DDR SDRAM

K4X56163PE Datasheet (PDF)

Go To PDF Page Download Datasheet
K4X56163PE Datasheet PDF - Samsung semiconductor

Part # K4X56163PE
Download  K4X56163PE Click to download

File Size   698.97 Kbytes
Page   48 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16M x16 Mobile DDR SDRAM

K4X56163PE Datasheet (HTML) - Samsung semiconductor


K4X56163PE Product details

FEATURES
• 1.8V power supply, 1.8V I/O power
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Four banks operation
• Differential clock inputs(CK and CK)
• MRS cycle with address key programs
   - CAS Latency ( 3 )
   - Burst Length ( 2, 4, 8 )
   - Burst Type (Sequential & Interleave)
   - Partial Self Refresh Type ( Full, 1/2, 1/4 array )
   - Internal Temperature Compensated Self Refresh
   - Driver strength ( 1, 1/2, 1/4, 1/8 )
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK).
• Data I/O transactions on both edges of data strobe, DM for masking.
• Edge aligned data output, center aligned data input.
• No DLL; CK to DQS is not synchronized.
• LDM/UDM for write masking only.
• 7.8us auto refresh duty cycle.
• CSP package.




Similar Part No. - K4X56163PE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
16Mx16 Mobile DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
16M x16 Mobile-DDR SDRAM
K4X56163PI-LFE/GC3 SAMSUNG-K4X56163PI-LFE/GC3 Datasheet
523Kb / 20P
16Mx16 Mobile DDR SDRAM
K4X56163PI-LFE/GC6 SAMSUNG-K4X56163PI-LFE/GC6 Datasheet
523Kb / 20P
16Mx16 Mobile DDR SDRAM
More results


Similar Description - K4X56163PE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
32M x16 Mobile-DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
16M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
256M: 16M x 16 Mobile DDR SDRAM
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
512M: 16M x 32 Mobile DDR SDRAM
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
512M: 16M x 32 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Elite Semiconductor Mem...
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com