Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SK10E151PJ Datasheet (PDF) - Semtech Corporation

SK10E151PJ Datasheet PDF - Semtech Corporation
Part # SK10E151PJ
Download  SK10E151PJ Download
File Size   116.59 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6-bit D register

SK10E151PJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10E151PJ Datasheet PDF - Semtech Corporation

Part # SK10E151PJ
Download  SK10E151PJ Click to download

File Size   116.59 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6-bit D register

SK10E151PJ Datasheet (HTML) - Semtech Corporation


SK10E151PJ Product details

Description
The SK10/100E151 offers 6 edge-triggered, high-speed, master-slave D-type flip-flops with differential outputs, designed for use in new high-performance ECL systems.

Features
• 1100 MHz Toggle Frequency
• Extended 100E VEE Range of –4.2V to –5.5V
• Differential Outputs
• Asynchronous Master Reset
• Dual Clocks
• Internal 75KΩ Input Pulldown Resistors
• ESD Protection of >4000V
• Fully Compatible with MC10/100E151
• Specified Over Industrial Temperature Range: –40°C to +85°C
• Available in 28-Pin PLCC Package




Similar Part No. - SK10E151PJ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
Quint Differential Line Receiver
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
4-bit D Flip-Flop
More results


Similar Description - SK10E151PJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151 Datasheet
104Kb / 4P
6-BIT D REGISTER
1996 REV 2
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151 Datasheet
66Kb / 4P
6-BIT D REGISTER
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
6-BIT 2:1 MUX-REGISTER
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151_06 Datasheet
63Kb / 4P
6-BIT D REGISTER
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E151 MICREL-SY10E151_08 Datasheet
64Kb / 4P
6-BIT D REGISTER
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com