Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H2.4 Datasheet (PDF) - Hirose Electric

H2.4 Datasheet PDF - Hirose Electric
Part # H2.4
Download  H2.4 Download
File Size   159.6 Kbytes
Page   4 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2.4mm coaxial connectors for frequency test measurements

H2.4 Datasheet (PDF)

Go To PDF Page Download Datasheet
H2.4 Datasheet PDF - Hirose Electric

Part # H2.4
Download  H2.4 Click to download

File Size   159.6 Kbytes
Page   4 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2.4mm coaxial connectors for frequency test measurements

H2.4 Datasheet (HTML) - Hirose Electric





Similar Description - H2.4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
Adapter for Coaxial Connectors
M24758-11-02-02 GLENAIR-M24758-11-02-02 Datasheet
111Kb / 2P
Adapter for Coaxial Connectors
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
Adapter for Coaxial Connectors
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
logo
Molex Electronics Ltd.
73387-0020 MOLEX8-73387-0020 Datasheet
706Kb / 2P
Precision Test Connectors 2.4mm Compression-Mount
logo
Pasternack Enterprises,...
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
logo
List of Unclassifed Man...
415-0536-006 ETC2-415-0536-006 Datasheet
333Kb / 1P
2.4mm 50 GHz Test Cable Assemblies
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com