Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

693023010811 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

693023010811 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 693023010811
Download  693023010811 Download
File Size   714.83 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MICRO SIM - PUSH & PULL TYPE - 8 PINS

693023010811 Datasheet (PDF)

Go To PDF Page Download Datasheet
693023010811 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 693023010811
Download  693023010811 Click to download

File Size   714.83 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MICRO SIM - PUSH & PULL TYPE - 8 PINS

693023010811 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.




Similar Part No. - 693023010811

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
693021020811 WURTH-693021020811 Datasheet
765Kb / 8P
WR-CRD MicroSIM Card Connector SMT
001.000
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
MICRO SIM - HINGE TYPE - 8 PINS
More results


Similar Description - 693023010811

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Molex Electronics Ltd.
301162 MOLEX11-301162 Datasheet
133Kb / 1P
PUSH PUSH 6 PINS SIM WITH DETECT PIN AND POST
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
MICRO SIM - HINGE TYPE - 8 PINS
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
logo
VITALCONN ELECTRONICS H...
VTC102030942 VITALCONN-VTC102030942 Datasheet
421Kb / 2P
MICRO-SIM PUSH 6PIN 1.35H
REV: A
logo
ATTEND Technology Inc.
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
logo
List of Unclassifed Man...
786463001_SD ETC-786463001_SD Datasheet
300Kb / 3P
SALES DRAWING MICRO SIM CONNECTOR 1.45MM HEIGHT, PUSH PULL
2020/08/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com