Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTPC10.0PV1-5 Datasheet (PDF) - Marktech Corporate

MTPC10.0PV1-5 Datasheet PDF - Marktech Corporate
Part # MTPC10.0PV1-5
Download  MTPC10.0PV1-5 Download
File Size   1142.78 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 940nm

MTPC10.0PV1-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTPC10.0PV1-5 Datasheet PDF - Marktech Corporate

Part # MTPC10.0PV1-5
Download  MTPC10.0PV1-5 Click to download

File Size   1142.78 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 940nm

MTPC10.0PV1-5 Datasheet (HTML) - Marktech Corporate




Similar Part No. - MTPC10.0PV1-5

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPC5.0PV1-5 MARKTECH-MTPC5.0PV1-5 Datasheet
1Mb / 3P
Peak Sensitivity Wavelength: 940nm
More results


Similar Description - MTPC10.0PV1-5

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
Peak Sensitivity Wavelength: 850nm
MTE9440M3A MARKTECH-MTE9440M3A Datasheet
641Kb / 4P
Peak Emission Wavelength: 940nm
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
Infrared LED (Peak wavelength : 940nm)
logo
Marktech Corporate
MTD3910D3 MARKTECH-MTD3910D3 Datasheet
323Kb / 3P
Peak Sensitivity Wavelength: 940nm
MTPC5.0PV1-5 MARKTECH-MTPC5.0PV1-5 Datasheet
1Mb / 3P
Peak Sensitivity Wavelength: 940nm
MTPS15.0PV1-5 MARKTECH-MTPS15.0PV1-5 Datasheet
1Mb / 3P
Peak Sensitivity Wavelength: 940nm
logo
KODENSHI_AUK CORP.
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
peak wavelength 940nm
logo
EHAOAN.
EH-S118IRC EHAOAN-EH-S118IRC Datasheet
779Kb / 5P
Peak wavelength λp=940nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com