Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CYBLE-214015-01 Datasheet (PDF) - Cypress Semiconductor

CYBLE-214015-01 Datasheet PDF - Cypress Semiconductor
Part # CYBLE-214015-01
Download  CYBLE-214015-01 Download
File Size   3898.21 Kbytes
Page   42 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)

CYBLE-214015-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYBLE-214015-01 Datasheet PDF - Cypress Semiconductor

Part # CYBLE-214015-01
Download  CYBLE-214015-01 Click to download

File Size   3898.21 Kbytes
Page   42 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)

CYBLE-214015-01 Datasheet (HTML) - Cypress Semiconductor




Similar Part No. - CYBLE-214015-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
EZ-BLE??PSoC짰 Module
More results


Similar Description - CYBLE-214015-01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
1.75 mm 횞 7.0 mm
logo
STANLEY ELECTRIC CO.,LT...
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
Numeric Display/Case Size 7.0 x 11.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
Numeric Display/Case Size 7.0 x 11.0 mm
NAG131SP-B STANLEY-NAG131SP-B Datasheet
1Mb / 12P
Numeric Display/Case Size 7.0 x 11.0 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com