Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1301860318 Datasheet (PDF) - Molex Electronics Ltd.

1301860318 Datasheet PDF - Molex Electronics Ltd.
Part # 1301860318_17
Download  1301860318 Download
File Size   47.06 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description 4052 Replacement On/Off Switch - One-speed, Momentary

1301860318 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301860318 Datasheet PDF - Molex Electronics Ltd.

Part # 1301860318_17
Download  1301860318 Click to download

File Size   47.06 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description 4052 Replacement On/Off Switch - One-speed, Momentary

1301860318 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301860318_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130186-0052 MOLEX11-130186-0052 Datasheet
32Kb / 1P
Work Center Base with Manifold, Rubber Feet and Dolly Wheels
130186-0318 MOLEX11-130186-0318 Datasheet
45Kb / 1P
4052 Replacement On/Off Switch - One-speed, Momentary
130186-0328 MOLEX11-130186-0328 Datasheet
31Kb / 1P
Ballast Cordset 110V 50HZ, 10.67m for PL-13LA
More results


Similar Description - 1301860318_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130128-0100 MOLEX11-130128-0100 Datasheet
44Kb / 1P
Super-Safeway Switch Replacement, Single Speed Momentary
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
130186-0318 MOLEX11-130186-0318 Datasheet
45Kb / 1P
4052 Replacement On/Off Switch - One-speed, Momentary
130126-0033 MOLEX11-130126-0033 Datasheet
36Kb / 1P
Watertite Two Momentary Button On/Off Switch, 1 N.O. Contact Each
1301280100 MOLEX11-1301280100 Datasheet
36Kb / 1P
Super-Safeway Switch Replacement, Single Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
1301260033 MOLEX1-1301260033_17 Datasheet
37Kb / 1P
Watertite Two Momentary Button On/Off Switch, 1 N.O. Contact Each
1301260246 MOLEX1-1301260246_17 Datasheet
41Kb / 1P
Watertite Two Momentary Button On/Off Pendant, Single Speed, 1 N.O. Contact Each
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
ON/OFF Switch
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
ON/OFF ONE SHOT
2012-01-03
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com