Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VS-MURD620CTHM3 Datasheet (PDF) - Vishay Siliconix

VS-MURD620CTHM3 Datasheet PDF - Vishay Siliconix
Part # VS-MURD620CTHM3
Download  VS-MURD620CTHM3 Download
File Size   122.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 3 A FRED Pt®

VS-MURD620CTHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-MURD620CTHM3 Datasheet PDF - Vishay Siliconix

Part # VS-MURD620CTHM3
Download  VS-MURD620CTHM3 Click to download

File Size   122.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 3 A FRED Pt®

VS-MURD620CTHM3 Datasheet (HTML) - Vishay Siliconix


VS-MURD620CTHM3 Product details

• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• AEC-Q101 qualified
• Meets JESD 201 class 2 whisker test
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C




Similar Part No. - VS-MURD620CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURD620CTHM3 VISHAY-VS-MURD620CTHM3 Datasheet
151Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
09-Dec-2019
More results


Similar Description - VS-MURD620CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF_12 Datasheet
150Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
VS-6CWH02FN-M3 VISHAY-VS-6CWH02FN-M3 Datasheet
148Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
31-Mar-11
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
15-Aug-11
VS-MURB2020CTPBF VISHAY-VS-MURB2020CTPBF Datasheet
170Kb / 9P
Ultrafast Rectifier, 2 x 10 A FRED Pt®
08-Apr-10
VS-6CWH02FNHM3 VISHAY-VS-6CWH02FNHM3 Datasheet
123Kb / 7P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
02-Aug-12
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED Pt®
10-Feb-15
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
18-Oct-16
VS-MURD620CT-M3 VISHAY-VS-MURD620CT-M3 Datasheet
159Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
05-Oct-16
VS-MURD620CTPBF VISHAY-VS-MURD620CTPBF Datasheet
155Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com