Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MX25L6406EXCI-12G Datasheet (PDF) - Macronix International

MX25L6406EXCI-12G Datasheet PDF - Macronix International
Part # MX25L6406EXCI-12G
Download  MX25L6406EXCI-12G Download
File Size   2272.79 Kbytes
Page   50 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description DATASHEET

MX25L6406EXCI-12G Datasheet (PDF)

Go To PDF Page Download Datasheet
MX25L6406EXCI-12G Datasheet PDF - Macronix International

Part # MX25L6406EXCI-12G
Download  MX25L6406EXCI-12G Click to download

File Size   2272.79 Kbytes
Page   50 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description DATASHEET

MX25L6406EXCI-12G Datasheet (HTML) - Macronix International


MX25L6406EXCI-12G Product details

GENERAL DESCRIPTION
The device feature a serial peripheral interface and software protocol allowing operation on a simple 3-wire bus. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial access to the device is enabled by CS# input.

FEATURES
GENERAL
• Single Power Supply Operation
    - 2.7 to 3.6 volt for read, erase, and program operations
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 67,108,864 x 1 bit structure or 33,554,432 x 2 bits (Dual Output mode) structure
• 2048 Equal Sectors with 4K byte each
    - Any Sector can be erased individually
• 128 Equal Blocks with 64K byte each
    - Any Block can be erased individually
• Program Capability
    - Byte base
    - Page base (256 bytes)
• Latch-up protected to 100mA from -1V to Vcc +1V

PERFORMANCE
• High Performance
    - Fast access time: 86MHz serial clock
    - Serial clock of Dual Output mode: 80MHz
    - Fast program time: 0.6ms(typ.) and 3ms(max.)/page
    - Byte program time: 9us (typ.)
    - Fast erase time: 40ms(typ.) /sector; 0.4s(typ.)/block
• Low Power Consumption
    - Low active read current: 25mA(max.) at 86MHz
    - Low active programming current: 15mA (typ.)
    - Low active sector erase current: 9mA (typ.)
    - Low standby current: 12uA (typ.)
    - Deep power-down mode 2uA (typ.)
• Typical 100,000 erase/program cycles
• 20 years of data retention




Similar Part No. - MX25L6406EXCI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6406EXCI12G MCNIX-MX25L6406EXCI12G Datasheet
1Mb / 60P
64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Similar Description - MX25L6406EXCI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U2033EZUI-12G MCNIX-MX25U2033EZUI-12G Datasheet
1Mb / 69P
DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
DATASHEET
MX25U8035EZUI-10G MCNIX-MX25U8035EZUI-10G Datasheet
1Mb / 77P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
DATASHEET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com