Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CCSO-914X3-1000 Datasheet (PDF) - CRYSTEK CORPORATION

CCSO-914X3-1000 Datasheet PDF - CRYSTEK CORPORATION
Part # CCSO-914X3-1000
Download  CCSO-914X3-1000 Download
File Size   455.6 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description Ultra-Low Phase Noise 1GHz SAW Clock

CCSO-914X3-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCSO-914X3-1000 Datasheet PDF - CRYSTEK CORPORATION

Part # CCSO-914X3-1000
Download  CCSO-914X3-1000 Click to download

File Size   455.6 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description Ultra-Low Phase Noise 1GHz SAW Clock

CCSO-914X3-1000 Datasheet (HTML) - CRYSTEK CORPORATION




Similar Part No. - CCSO-914X3-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000 Datasheet
513Kb / 3P
True SineWave SAW Based Clock Osc 9x14MM SMD 3.3 Volt
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
SAW Based Clock Oscillator
More results


Similar Description - CCSO-914X3-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCSO-914-1000 CRYSTEKCRYSTAL-CVCSO-914-1000 Datasheet
505Kb / 3P
Ultra-Low Phase Noise 1GHz SAW VCSO
CVCSO-914M3 CRYSTEKCRYSTAL-CVCSO-914M3 Datasheet
123Kb / 3P
Ultra-Low Phase Noise SAW VCSO
logo
Silicon Laboratories
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CCPD-575 CRYSTEKMICROWAVE-CCPD-575 Datasheet
550Kb / 4P
5횞7.5mm SMD Ultra-Low Phase Noise LVPECL Clock Oscillator
CCSO-914X CRYSTEKMICROWAVE-CCSO-914X Datasheet
410Kb / 4P
Ultra-Low Phase Noise SAW Clock
CCSO-914X-245.760 CRYSTEKMICROWAVE-CCSO-914X-245.760 Datasheet
408Kb / 3P
Ultra-Low Phase Noise 245.760 MHz SAW Clock
CCSO-914X-1000 CRYSTEKMICROWAVE-CCSO-914X-1000 Datasheet
448Kb / 3P
Ultra-Low Phase Noise 1GHz SAW Clock
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com