Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3268 Datasheet (PDF) - Toshiba Semiconductor

2SC3268 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3268
Download  2SC3268 Download
File Size   246.46 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN EPITAXIAL PLANAR TYPE

2SC3268 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3268 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3268
Download  2SC3268 Click to download

File Size   246.46 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN EPITAXIAL PLANAR TYPE

2SC3268 Datasheet (HTML) - Toshiba Semiconductor


2SC3268 Product details

VHF~UHF Band Low Noise Amplifier Applications

• NF = 1.7dB, |S21e|2 = 15.0dB (f = 500 MHz)
• NF = 2dB, |S21e|2 = 9.5dB (f = 1000 MHz)




Similar Part No. - 2SC3268

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3263 SANKEN-2SC3263 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC3263 SAVANTIC-2SC3263 Datasheet
177Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3263 ISC-2SC3263 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanken electric
2SC3263 SANKEN-2SC3263 Datasheet
34Kb / 1P
Silicon NPN Epitaxial Planar Transistor
logo
Savantic, Inc.
2SC3263 SAVANTIC-2SC3263 Datasheet
178Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC3268

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com