Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SKYA21054 Datasheet (PDF) - Skyworks Solutions Inc.

SKYA21054 Datasheet PDF - Skyworks Solutions Inc.
Part # SKYA21054
Download  SKYA21054 Download
File Size   681.28 Kbytes
Page   18 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch

SKYA21054 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKYA21054 Datasheet PDF - Skyworks Solutions Inc.

Part # SKYA21054
Download  SKYA21054 Click to download

File Size   681.28 Kbytes
Page   18 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch

SKYA21054 Datasheet (HTML) - Skyworks Solutions Inc.




Similar Part No. - SKYA21054

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21050 SKYWORKS-SKYA21050 Datasheet
1Mb / 15P
SKYA21050: 750 to 770 MHz Linear Power Amplifier
January 10, 2020
SKYA21050-EK1 SKYWORKS-SKYA21050-EK1 Datasheet
1Mb / 15P
SKYA21050: 750 to 770 MHz Linear Power Amplifier
January 10, 2020
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
SKYA21051EK1 SKYWORKS-SKYA21051EK1 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
SKYA21051EK2 SKYWORKS-SKYA21051EK2 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
More results


Similar Description - SKYA21054

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
logo
Skyworks Solutions Inc.
SKY13491-31 SKYWORKS-SKY13491-31 Datasheet
819Kb / 23P
0.7 to 2.7 GHz SP14T MIPI Antenna Switch Module
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY18106-455LF SKYWORKS-SKY18106-455LF Datasheet
585Kb / 12P
0.4 to 2.2 GHz SP8T Antenna Switch with GSM Transmit Filters
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKYA21052 SKYWORKS-SKYA21052 Datasheet
749Kb / 21P
0.7 to 2.7 GHz SP12T MIPI Antenna Switch Module
logo
Infineon Technologies A...
BGS18MA12 INFINEON-BGS18MA12 Datasheet
556Kb / 16P
MIPI 2.0 SP8T switch for LTE diversity, Tx and LAA applications
Revision 1.1 2018-09-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com