Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACNT-H50L Datasheet (PDF) - Broadcom Corporation.

ACNT-H50L Datasheet PDF - Broadcom Corporation.
Part # ACNT-H50L
Download  ACNT-H50L Download
File Size   644.41 Kbytes
Page   11 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 1-MBd Optocoupler in 15-mm Stretched SO8 Package

ACNT-H50L Datasheet (PDF)

Go To PDF Page Download Datasheet
ACNT-H50L Datasheet PDF - Broadcom Corporation.

Part # ACNT-H50L
Download  ACNT-H50L Click to download

File Size   644.41 Kbytes
Page   11 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 1-MBd Optocoupler in 15-mm Stretched SO8 Package

ACNT-H50L Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - ACNT-H50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
More results


Similar Description - ACNT-H50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
27-Apr-04
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
19-Apr-07
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
logo
Broadcom Corporation.
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 15P
Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H313 BOARDCOM-ACNT-H313 Datasheet
1Mb / 16P
2.5 A Output Current IGBT Gate Drive Optocoupler in 15 mm Stretched SO8 Package
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com