Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RS5C372B-E2-F Datasheet (PDF) - RICOH electronics devices division

RS5C372B-E2-F Datasheet PDF - RICOH electronics devices division
Part # RS5C372B-E2-F
Download  RS5C372B-E2-F Download
File Size   402.1 Kbytes
Page   57 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC

RS5C372B-E2-F Datasheet (PDF)

Go To PDF Page Download Datasheet
RS5C372B-E2-F Datasheet PDF - RICOH electronics devices division

Part # RS5C372B-E2-F
Download  RS5C372B-E2-F Click to download

File Size   402.1 Kbytes
Page   57 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC

RS5C372B-E2-F Datasheet (HTML) - RICOH electronics devices division


RS5C372B-E2-F Product details

OUTLINE
The RS5C372A is a CMOS type real-time clock which is connected to the CPU via 2-wires and capable of serial transmission of clock and calendar data to the CPU.

FEATURES
• Time keeping voltage: 1.45V to 6.0V
• Lowest supply current: 0.5µA TYP. (0.9µA MAX.) : 3V (25˚C)
    (1.0µA MAX.) : 3V (–40 to +85˚C)
• Connected to the CPU via only 2-wires
    (I2C bus Interface, MAX.400kHz, address 7bit)
• A clock counter (counting hours, minutes, and seconds)
    and a calendar counter
    (counting leap years, years,
    months, days, and days of the week) in BCD codes
• Interrupt to the CPU (period of one month to one second,
    interrupt flag, interrupt halt function) (INTRA, INTRB)
• Two systems of alarm functions
    (days of the week, hours, and minutes) (INTRA, INTRB)
• Oscillation halt sensing to judge internal data validity
• Clock output of 32.768kHz (32.000kHz)
    (output controllable via a register) ... (Nch. open drain output)
• Second digit adjustment by ±30 seconds
• Automatic leap year recognition up to the year 2099
• 12-hour or 24-hour time display selectable
• Oscillation stabilizing capacity (CG, CD) incorporated
• High precision time trimming circuit
• Oscillator of 32.768kHz or 32.000kHz may be used
• CMOS logic
• Package: 8pin SSOP

APPLICATIONS
• Communication devices (multi function phone, portable phone, PHS or pager)
• OA devices (fax, portable fax)
• Computer (desk-top and mobile PC,
    portable word-processor, PDA, electric note or video game)
• AV components (portable audio unit, video camera,camera,
    digital camera or remote controller)
• Home appliances (rice cooker, electric oven)
• Other (car navigation system, multi-function watch)




Similar Part No. - RS5C372B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372B-E2 RICOH-RS5C372B-E2 Datasheet
474Kb / 39P
I2C-bus Serial Interface Real Time Clock (8pin SSOP)
More results


Similar Description - RS5C372B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
I2C-Bus Interface Real Time Clock
logo
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
April 1, 2012
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com