Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC337 Datasheet (PDF) - First Components International

BC337 Datasheet PDF - First Components International
Part # BC337
Download  BC337 Download
File Size   185.98 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description TO-92 Plastic-Encapsulate Transistors

BC337 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC337 Datasheet PDF - First Components International

Part # BC337
Download  BC337 Click to download

File Size   185.98 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description TO-92 Plastic-Encapsulate Transistors

BC337 Datasheet (HTML) - First Components International


BC337 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.625 W (Tamb=25℃)
   Collector current
      ICM: 0.8 A
   Collector-base voltage
      VCBO: BC337     50 V
                   BC338    30 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results


Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com