Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EC732129H3M1R Datasheet (PDF) - E-CMOS Corporation

EC732129H3M1R Datasheet PDF - E-CMOS Corporation
Part # EC732129H3M1R
Download  EC732129H3M1R Download
File Size   406.37 Kbytes
Page   5 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description -20V, -6A P-Channel MOS

EC732129H3M1R Datasheet (PDF)

Go To PDF Page Download Datasheet
EC732129H3M1R Datasheet PDF - E-CMOS Corporation

Part # EC732129H3M1R
Download  EC732129H3M1R Click to download

File Size   406.37 Kbytes
Page   5 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description -20V, -6A P-Channel MOS

EC732129H3M1R Datasheet (HTML) - E-CMOS Corporation




Similar Part No. - EC732129H3M1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC7320N60 E-CMOS-EC7320N60 Datasheet
530Kb / 6P
N-Channel Power MOSFET
EC7320N60AR E-CMOS-EC7320N60AR Datasheet
530Kb / 6P
N-Channel Power MOSFET
EC7320NS60 E-CMOS-EC7320NS60 Datasheet
599Kb / 6P
600V, 20A N-Channel MOSFET
EC7320NS60AT E-CMOS-EC7320NS60AT Datasheet
599Kb / 6P
600V, 20A N-Channel MOSFET
EC7320NS60F E-CMOS-EC7320NS60F Datasheet
499Kb / 6P
600V, 20A N-Channel MOSFET
More results


Similar Description - EC732129H3M1R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
March 2000
logo
E-CMOS Corporation
EC732341E E-CMOS-EC732341E Datasheet
304Kb / 6P
-20V, -4A P-Channel MOS
logo
SHENZHEN FUMAN ELECTRON...
9435 FUMAN-9435 Datasheet
299Kb / 2P
20V P-Channel Increased MOS FET
FM2122 FUMAN-FM2122 Datasheet
850Kb / 7P
20V N-channel MOS
FM2123 FUMAN-FM2123 Datasheet
850Kb / 7P
20V N-channel MOS
TC4953 FUMAN-TC4953 Datasheet
250Kb / 3P
20V P-Channel Enhanced MOS FET
TC4953C FUMAN-TC4953C Datasheet
274Kb / 3P
20V P-Channel Enhanced MOS FET
logo
First Silicon Co., Ltd
FTK2309L FS-FTK2309L Datasheet
1Mb / 5P
20V P-Channel MOS FETs
logo
TECH PUBLIC Electronics...
8205A TECHPUBLIC-8205A_V01 Datasheet
2Mb / 6P
20V, 18m2, 6A, N-Channel MOSFET
TPM8205AT8 TECHPUBLIC-TPM8205AT8 Datasheet
2Mb / 6P
20V, 18m2, 6A, N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com