Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MLL1.4KESD54 Datasheet (PDF) - Microsemi Corporation

MLL1.4KESD54 Datasheet PDF - Microsemi Corporation
Part # MLL1.4KESD54
Download  MLL1.4KESD54 Download
File Size   213.06 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT TVS

MLL1.4KESD54 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLL1.4KESD54 Datasheet PDF - Microsemi Corporation

Part # MLL1.4KESD54
Download  MLL1.4KESD54 Click to download

File Size   213.06 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT TVS

MLL1.4KESD54 Datasheet (HTML) - Microsemi Corporation


MLL1.4KESD54 Product details

DESCRIPTION
These small surface mount TVS devices feature the ability to clamp dangerous high voltage short-term transients such as produced by directed or radiated electrostatic discharge phenomena before entering sensitive component regions of a circuit design. They are small economical transient voltage suppressors targeted primarily for short-term transients below a few microseconds while still achieving significant peak-pulse-power capability as illustrated in Figure #1.

FEATURES
• Excellent protection in clamping direct ESD level
   transients in excess of 15,000 V per MIL-STD-750,
   Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 1400 Watts per
   MIL-STD-750, Method 1020 (approx. 150 ns
   exponential wave, or one microsecond transients up
   to 400 watts. See Figure #1 and #2 for overall
   transient Peak Pulse Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5 V to 170 V
• Hermetic DO-213AA Package. Also available in
   axial-leaded DO-35 package (see separate data
   sheet for 1.4KESD5.0 series)
  
APPLICATIONS / BENEFITS
• Protects Sensitive circuits from short duration fast
   rise time transients such as Electrostatic Discharge
   (ESD) or Electrical Fast Transients (EFT)
• Low inherent capacitance for high-frequency applications (See Figure #4)
• Small surface mount foot print
• Bidirectional features available by adding a “C” or “CA” suffix




Similar Part No. - MLL1.4KESD54

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
374Kb / 7P
DC Power Supplies
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Microsemi Corporation
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
119Kb / 2P
SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
118Kb / 2P
SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
442Kb / 4P
SURFACE MOUNT TVS
More results


Similar Description - MLL1.4KESD54

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
SURFACE MOUNT TVS
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
UNIDIRECTIONAL SURFACE MOUNT TVS
DS31112 Rev. 8 - 2
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
Surface Mount TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5-7 DIODES-T3V3S5-7 Datasheet
153Kb / 4P
UNIDIRECTIONAL SURFACE MOUNT TVS
Rev 10
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
Surface Mount TVS Diode
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
TVS Surface Mount
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com