Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE2351 Datasheet (PDF) - NTE Electronics

NTE2351 Datasheet PDF - NTE Electronics
Part # NTE2351
Download  NTE2351 Download
File Size   24.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amp, Switch

NTE2351 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2351 Datasheet PDF - NTE Electronics

Part # NTE2351
Download  NTE2351 Click to download

File Size   24.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amp, Switch

NTE2351 Datasheet (HTML) - NTE Electronics


NTE2351 Product details

Features:

• High DC Current Gain: hFE (1) = 2000 Min @ VCE = 2V, IC = 1A

• Low Saturation Voltage: VCE(sat) = 1.5V Max @ IC = 3A



 




Similar Part No. - NTE2351

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE235 NTE-NTE235 Datasheet
20Kb / 2P
Silicon NPN Transistor Final RF Power Output
NTE2350 NTE-NTE2350 Datasheet
26Kb / 2P
Silicon Darlington Transistors High Current, General Purpose
NTE2353 NTE-NTE2353 Datasheet
21Kb / 2P
Silicon NPN Transistor TV Horizontal Deflection Output w/Damper Diode
NTE2354 NTE-NTE2354 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Horizontal Output for High Definition CRT
NTE2355 NTE-NTE2355 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 10k Bias Resistors
More results


Similar Description - NTE2351

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2426 NTE-NTE2426 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Switch
NTE2551 NTE-NTE2551 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Driver, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier, Switch
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
Silicon Complementary Transistors Medium Power Amp, Switch
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com