Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118439-1 Datasheet (PDF) - TE Connectivity Ltd

Part # 2118439-1
Description  PCB ANTENNA ASSEMBLY, WITH MHF CONNECTOR
File Size   160.41 Kbytes
Html View  1 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118439-1 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - 2118439-1

ManufacturerPart #DatasheetDescription
logo
SICK AG
2118400 SICK-2118400 Datasheet
389Kb / 4P
Other connectors and cables
2024-04-22 09:08:28
More results


Similar Description - 2118439-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
Molex Electronics Ltd.
2144280001 MOLEX-2144280001 Datasheet
36Kb / 1P
2.4GHz Wi-Fi/Bluetooth External Antenna, with I-PEX MHF Connector
logo
Pulse A Technitrol Comp...
W3554 PULSE-W3554 Datasheet
1Mb / 6P
Internal 5G/4G PCB Antenna with Cable Assembly
W3554XXXXX PULSE-W3554XXXXX Datasheet
1Mb / 6P
Internal 5G/4G PCB Antenna with Cable Assembly
logo
AVX Corporation
1002089 AVX-1002089 Datasheet
1Mb / 5P
LTE PCB Antenna with SMA Connector
9/27/2021
1005193 AVX-1005193 Datasheet
898Kb / 4P
UWB PCB Antenna with SMA Connector
1/7/2020
1005194 AVX-1005194 Datasheet
832Kb / 4P
UWB PCB Antenna with SMA Connector
1/7/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com