| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
SBR1A40SA
|
92Kb / 4P |
1.0A SBR SUPER BARRIER RECTIFIER SMA
DS31768 Rev. 2 - 2 |
|
SBR2A40SA
|
119Kb / 4P |
2.0A SBR SUPER BARRIER RECTIFIER SMA
DS31769 Rev. 2 - 2 |
|
SBR1A40SA-13
|
99Kb / 4P |
1.0A SBR SUPER BARRIER RECTIFIER SMA
Rev 4 |
|
SBR3U60P1Q
|
300Kb / 6P |
3A SBR SUPER BARRIER RECTIFIER PowerDI
Rev erse |
|
SBR3U60P5
|
255Kb / 5P |
3A SBR SUPER BARRIER RECTIFIER PowerDI5
Rev erse |
|
SBR3U60P5Q
|
247Kb / 5P |
3A SBR SUPER BARRIER RECTIFIER PowerDI5
Rev erse |
|
SBR3U150LP
|
247Kb / 5P |
3A SBR SUPER BARRIER RECTIFIER
August 2018 |
|
SBRT3U60SAF
|
340Kb / 5P |
3A Trench SBR TRENCH SUPER BARRIER RECTIFIER
May 2016 |
|
SBR3U40S1F
|
244Kb / 5P |
3A SBR SUPER BARRIER RECTIFIER
February 2017 Rev. 3 - 2 |
|
SBR3U40S1FQ
|
307Kb / 5P |
3A SBR SUPER BARRIER RECTIFIER
July 2017 Rev. 3 - 2 |