| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
DMTH6016LFDFWQ
|
435Kb / 8P |
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021 |
|
DMTH45M5LPSW
|
592Kb / 8P |
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022 |
|
DMTH45M5SPSW
|
587Kb / 8P |
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022 |
|
DMNH45M7SCT
|
475Kb / 6P |
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2 |
|
DMTH10H009LFG
|
399Kb / 7P |
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 3 - 2 |
|
DMTH10H015SPSQ
|
919Kb / 9P |
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2 |
|
DMTH10H032LPSWQ
|
908Kb / 8P |
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2 |
|
DMTH10H4M6SPSWQ
|
761Kb / 8P |
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 2 - 2 |
|
DMTH31M7LPSQ
|
374Kb / 8P |
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2 |
|
DMTH8008SFGQ
|
467Kb / 7P |
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2 |