Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MX34040NF2 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # MX34040NF2
Description  Compact Automotive Connectors for PCB-to-Cable Applications
File Size   155.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MX34040NF2 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - MX34040NF2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX34040NF2 JAE-MX34040NF2 Datasheet
166Kb / 2P
Compact non-waterproof automotive connector, High-density, ECU, switches, and sensors, 40 pos. Right angle Pin header
More results


Similar Description - MX34040NF2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
Compact Power Relay 1 Pole-25A for Automotive Applications
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
Compact Automotive Connectors for PCB-to-Cable Applications
logo
fujitsu semiconductor
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A Datasheet
78Kb / 2P
For 600V to 3000V Automotive Applications
logo
Japan Aviation Electron...
MX47 JAE-MX47 Datasheet
284Kb / 5P
Compact Waterproof Automotive Connectors
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com