Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-57R5APZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57R5APZ
Description  Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
File Size   288.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57R5APZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - AFBR-57R5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
517Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
669Kb / 22P
16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFBR-57R5APZ BOARDCOM-AFBR-57R5APZ Datasheet
211Kb / 19P
SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFBR-57R5APZ BOARDCOM-AFBR-57R5APZ Datasheet
204Kb / 20P
SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
ATGBICS by Approved Tec...
AFBR-57R5APZ-AN1-C ATGBICS-AFBR-57R5APZ-AN1-C Datasheet
375Kb / 10P
AFBR-57R5APZ-AN1 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
More results


Similar Description - AFBR-57R5APZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Analog Devices
AFBR-59R5ALZ AD-AFBR-59R5ALZ Datasheet
651Kb / 20P
Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ Datasheet
269Kb / 19P
Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ Datasheet
380Kb / 18P
Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ BOARDCOM-AFCT-57D5ATPZ Datasheet
380Kb / 18P
Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com