Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MUR320AX Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR320AX
Description  ULTRAFAST PLASTIC RECTIFIER
File Size   333.32 Kbytes
Html View  1   2   3   4   5 
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR320AX Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd



Similar Part No. - MUR320AX

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR320 DACHANG-MUR320 Datasheet
172Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
MUR320 DACHANG-MUR320 Datasheet
172Kb / 2P
Plastic High-Efficiency Rectifiers
logo
WeEn Semiconductors
MUR320 WEEN-MUR320 Datasheet
386Kb / 10P
Ultrafast power diode
logo
Shenzhen Luguang Electr...
MUR320D LUGUANG-MUR320D Datasheet
911Kb / 4P
Ultra-Fast Recovery Diodes 3A FRED Pt
Revision:20220621-P1
MUR320D LUGUANG-MUR320D Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 3A FRED Pt
Revision:20240607-P1
More results


Similar Description - MUR320AX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com