Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCV891330 Datasheet (PDF) - ON Semiconductor

Part # NCV891330
Description  Dual- Mode Step-Down Regulator
File Size   1123.21 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV891330 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCV891330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891334 ONSEMI-NCV891334 Datasheet
144Kb / 11P
2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
NCV891334 ONSEMI-NCV891334 Datasheet
211Kb / 12P
2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW33R2G ONSEMI-NCV891334MW33R2G Datasheet
144Kb / 11P
2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
NCV891334MW33R2G ONSEMI-NCV891334MW33R2G Datasheet
211Kb / 12P
2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW50R2G ONSEMI-NCV891334MW50R2G Datasheet
144Kb / 11P
2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
More results


Similar Description - NCV891330

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
logo
Diodes Incorporated
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
256Kb / 24P
Dual 36V, 700mA Step-Down Regulator
logo
ON Semiconductor
NCV891130 ONSEMI-NCV891130 Datasheet
1Mb / 18P
Dual-Mode Step-Down Regulator
January, 2015 ??Rev. 1
NCV891334 ONSEMI-NCV891334 Datasheet
144Kb / 11P
2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
logo
Linear Technology
LT3988 LINER-LT3988 Datasheet
152Kb / 6P
Dual 60V Step-Down Regulator
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com