Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GF2045MG Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.

Part # GF2045MG
Description  20A Schottky Diodes
File Size   1165.05 Kbytes
Html View  1   2   3   4 
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GF2045MG Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.



Similar Part No. - GF2045MG

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GF2045MG THINKISEMI-GF2045MG Datasheet
790Kb / 2P
20.0 Ampere Surface Mount PhotoVoltaic Bypass Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
GF2045MG ZSELEC-GF2045MG Datasheet
351Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
logo
RFE international
GF2045MG RFE-GF2045MG Datasheet
862Kb / 3P
Schottky Diodes
21-APR-2023
More results


Similar Description - GF2045MG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR20H45C GAMMA-GMR20H45C Datasheet
110Kb / 6P
20A SCHOTTKY RECTIFIER
GMR20H100C GAMMA-GMR20H100C_1 Datasheet
110Kb / 6P
20A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
20A SCHOTTKY RECTIFIER
MBR2060CT DIGITRON-MBR2060CT Datasheet
474Kb / 2P
20A SCHOTTKY RECTIFIERS
MBR2035CT DIGITRON-MBR2035CT Datasheet
1Mb / 4P
20A SCHOTTKY RECTIFIERS
MBR2015CTL DIGITRON-MBR2015CTL Datasheet
666Kb / 3P
20A SCHOTTKY RECTIFIERS
logo
Gamma Microelectronics ...
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
20A SCHOTTKY RECTIFIER
logo
Bytesonic Electronics C...
MBR2080LCT BYTESONIC-MBR2080LCT Datasheet
704Kb / 2P
Schottky Barrier Diodes Low Forward Voltage 20A TOTAL
2016/12/16
logo
Shindengen Electric Mfg...
D20FR4R5S SHINDENGEN-D20FR4R5S Datasheet
1Mb / 6P
Schottky Barrier Diodes 45V, 20A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 20A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com