Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Preview PDF HTML

MD Marking, BD5223G Datasheet(PDF) 7 Page - Rohm

Part # BD5223G
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5223G Datasheet(HTML) 7 Page - Rohm

Back Button BD5223G Datasheet HTML 3Page - Rohm BD5223G Datasheet HTML 4Page - Rohm BD5223G Datasheet HTML 5Page - Rohm BD5223G Datasheet HTML 6Page - Rohm BD5223G Datasheet HTML 7Page - Rohm BD5223G Datasheet HTML 8Page - Rohm BD5223G Datasheet HTML 9Page - Rohm BD5223G Datasheet HTML 10Page - Rohm BD5223G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Datasheet
7/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
・
15
・
001
●
Typical Performance Curves
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
8
9 10
VDD SUPPLY VOLTAGE
:
VDD[V]
【BD5242G/FVE】
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
:
VDS[V]
【BD5242G/FVE】
VDD=2.4V
VDD=1.2V
Fig.4 “Low” Output Current
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE
:
VDS[V]
【BD 5342G/FVE】
VDD=8.0V
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
:
VDD[V]
【BD5242G/FVE】
Ta=25
℃
Ta=25
℃
【
BD5242
】
【
BD5342
】
【
BD5342
】
【
BD5242
】
【
BD5342
】
【
BD5242
】
【
BD5342
】



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16