| Electronic Components Datasheet Search |
|
MD Marking, PZU3.6B2A Datasheet(PDF) 1 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
PZU3.6B2A Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 14 page ![]() 1. Product profile 1.1 General description General-purpose Zener diodes in a SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package. 1.2 Features 1.3 Applications I General regulation functions 1.4 Quick reference data [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. [2] tp = 100 µs; square wave; Tj =25 °C prior to surge [3] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. PZUxBA series Single Zener diodes Rev. 01 — 19 September 2008 Product data sheet I Non-repetitive peak reverse power dissipation: PZSM ≤ 40 W I Low reverse current IR range I Total power dissipation: Ptot ≤ 320 mW I Small plastic package suitable for surface-mounted design I Tolerance series: B: approximately ±5%; B1, B2, B3: approximately ±2% I AEC-Q101 qualified I Wide working voltage range: nominal 2.4 V to 36 V (E24 range) Table 1. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VF forward voltage IF = 100 mA [1] - - 1.1 V PZSM non-repetitive peak reverse power dissipation [2] --40 W Ptot total power dissipation Tamb ≤ 25 °C [3] - - 320 mW |
Similar Description - PZU3.6B2A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |