Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2415 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC2415
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2415 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC2415 Datasheet HTML 14Page - STMicroelectronics STLC2415 Datasheet HTML 15Page - STMicroelectronics STLC2415 Datasheet HTML 16Page - STMicroelectronics STLC2415 Datasheet HTML 17Page - STMicroelectronics STLC2415 Datasheet HTML 18Page - STMicroelectronics STLC2415 Datasheet HTML 19Page - STMicroelectronics STLC2415 Datasheet HTML 20Page - STMicroelectronics STLC2415 Datasheet HTML 21Page - STMicroelectronics STLC2415 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
STLC2415
20/22
Figure 10. LFBGA120 (Low Fne Ball Grid Array) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.40
0.055
A1
0.20
0.008
A2
1
0.039
b
0.25
0.30
0.35
0.010
0.012
0.014
D
9.90
10.00
10.10
0.390
0.394
0.398
D1
8.50
0.335
D2
6.50
0.256
E
9.90
10.00
10.10
0.390
0.394
0.398
E1
8.50
0.335
E2
6.50
0.256
eD
0.50 basic
0.020 basic
eE
0.50 basic
0.020 basic
FD
0.75
0.029
FE
0.75
0.029
mD
18
mE
18
n
120 balls
SE
0.25 basic
0.0098 basic
SD
0.25 basic
0.0098 basic
Tolerance
aaa
0.15
0.006
bbb
0.10
0.0039
ddd
0.08
0.0031
eee
0.15
0.006
fff
0.05
0.002
LFBGA120
Low Fine Ball Grid Array
Body: 10 x 10 x 1.4mm
7513355 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com