Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS31256 Datasheet(PDF) 50 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 50 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 46Page - Maxim Integrated Products DS31256 Datasheet HTML 47Page - Maxim Integrated Products DS31256 Datasheet HTML 48Page - Maxim Integrated Products DS31256 Datasheet HTML 49Page - Maxim Integrated Products DS31256 Datasheet HTML 50Page - Maxim Integrated Products DS31256 Datasheet HTML 51Page - Maxim Integrated Products DS31256 Datasheet HTML 52Page - Maxim Integrated Products DS31256 Datasheet HTML 53Page - Maxim Integrated Products DS31256 Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
50 of 183
Bit 0/Invert Clock Enable (TICE)
0 = do not invert clock (normal mode)
1 = invert clock (inverted mode)
Bit 1/Invert Data Enable (TIDE)
0 = do not invert data (normal mode)
1 = invert data (inverted mode)
Bit 2/Invert Sync Enable (TISE)
0 = do not invert sync (normal mode)
1 = invert sync pulse (inverted mode)
Bit 3/Force Data All Ones (TFDA1)
0 = force all data at TD to be 1
1 = allow data to be transmitted normally
Bit 4/Sync Delay Bit 0 (TSD0); Bit 5/Sync Delay Bit 1 (TSD1). These bits define the format of the sync signal
that is applied to the TS[n] input. These bits are ignored if the port has been configured to operate in an
unchannelized fashion (TUEN = 1).
00 = sync pulse is 0 clocks early
01 = sync pulse is 1/2 clock early
10 = sync pulse is 1 clock early
11 = sync pulse is 2 clocks early
Bit 6/Sync Select Bit 0 (TSS0); Bit 7/Sync Select Bit 1 (TSS1). These bits select the mode in which each port
operates. Each port can be configured to accept 24, 32, 64, or 128 DS0 channels at an 8kHz rate. These bits are
ignored if the port has been configured to operate in an unchannelized fashion (TUEN = 1).
00 = T1 Mode (24 DS0 channels and 193 RC clocks between TS sync signals)
01 = E1 Mode (32 DS0 channels and 256 RC clocks between TS sync signals)
10 = 4.096MHz Mode (64 DS0 channels and 512 RC clocks between TS sync signals)
11 = 8.192MHz Mode (128 DS0 channels and 1024 RC clocks between TS sync signals)
Bit 8/Port 0 High-Speed Mode (TP0 (1, 2) HS). If enabled, the port 0 (1 or 2) Layer 1 state machine logic is
defeated and TC0 (1, 2) and TD0 (1, 2) are routed to some dedicated high-speed HDLC processing logic. Only
present in TP0CR, TP1CR, and TP2CR. Bit 8 is not assigned in ports 3 through 15.
0 = disabled
1 = enabled
Bit 9/Unchannelized Enable (TUEN). When enabled, this bit forces the port to operate in an unchannelized
fashion. When disabled, the port operates in a channelized mode. This bit overrides the transmit channel-enable
(TCHEN) bit in the transmit Layer 1 configuration (T[n]CFG[j]) registers, which are described in Section 6.3.
0 = channelized mode
1 = unchannelized mode
Bit 10/Unchannelized Network Loopback Enable (UNLB). See Figure 6-1 for details. This loopback cannot be
used for ports 0 and 1 when they are operating at speeds greater than 10MHz.
0 = loopback disabled
1 = loopback enabled
Bit 11/Unchannelized BERT Select (TUBS). This bit is ignored if TUEN = 0. This bit overrides the transmit
BERT (TBERT) bit in the transmit layer 1 configuration (T[n]CFG[j]) registers, which are described in
Section 6.3.
0 = source transmit data from the HDLC controller
1 = source transmit data from the BERT block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com