Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MVA-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # MVA-2000
Description  Voltage Variable Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MVA-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  MVA-2000 Datasheet HTML 1Page - Mini-Circuits MVA-2000 Datasheet HTML 2Page - Mini-Circuits MVA-2000 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151108
EDR-6631A
MVA-2000+
RAV
161211
Page 1 of 3
Maximum Ratings
Pin Connections
Voltage Variable Attenuator
50Ω 10 to 2000 MHz
Broad Band
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 85°C
Absolute Max. Supply Voltage(V+)
7V
Absolute Max. Control Voltage(Vctrl)
14V
Absolute Max. RF Input Level
+19 dBm
Notes:
Rise/Fall time: 17µSec/10µSec Typ.
Switching Time, turn on/off: 20µSec. Typ.
Improved R.Loss in/out performance can be achieved at
certain frequencies by choosing a V+ between +3V to +5V
Equivalent Schematic
MATCHING
MATCHING
V CONTROL
V+
RF
IN
RF
OUT
Electrical Specifications (T
AMB= 25
O
C)
Features
Applications
CASE STYLE: GP731
• Power level control
• Feed forward amplifiers
• CATV
• Broadband, 10-2000 MHz
• Low Insertion Loss, 1.9 dB typ.
• IP3, +45 dBm Typ.
• Small phase deviation over attenuation range
• No external bias and RF matching network required
• Shielded case
• Aqueous washable
FREQ.
MIN. INSERTION MAX. ATTENUATION INPUT
CONTROL
IP3 RETURN POWER SUPPLY
(MHz)
LOSS, dB (+12V)
dB (0V)
POWER Voltage Current (dBm) LOSS
Voltage Current
(dBm)
(V)
(mA)
(dB)
(V)
(mA)
Min.
Max.
Typ.
Max.
Typ.
Min.
Max.
Max.
Typ.
Typ.
Max.
10 - 500
1.7
2.7
43
25
+19
0 - 12
15
43
23
+3 to +5
5
500 -1000
1.9
2.8
28
20
+19
0 - 12
15
48
23
+3 to +5
5
1000 -2000
2.1
3.0
23
15
+19
0 - 12
15
50
23
+3 to +5
5
MVA-2000+
MVA-2000+
TYPICAL ATTENUATION AT 1000MHz
0
5
10
15
20
25
30
02468
10
12
CONTROL VOLTAGE (V)
V+=3V
V+=5V
RF IN
6
RF OUT
2
V CONTROL
4
V+
8
GROUND
1,3,5,7
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
Demo Board MCL P/N: TB-286
Suggested PCB Layout (PL-154)
inch
mm
Outline Dimensions (
)
A
B
C
D
E
F
G
H
J
.350 .350 .100 .175 .075 .100 .110 .040 .080
8.89 8.89 2.54 4.45 1.93 2.54 2.79 1.02 2.03
K
L
M
N
P
Q
R
wt.
.050 .040 .195 .390 .120 .390 .070
grams
1.27 1.02 4.95 9.91 3.05 9.91 1.78
0.25
.045±.002
TRACE WIDTH, 4 PL.
(SEE NOTE BELOW)
.040
TYP.
PACKAGE
OUTLINE
PIN 1
.110
.390 SQ.
.100 TYP.
.070 TYP.
.140 TYP.
8X ø.020 PTH
FOR GROUND
NOTES:
1. TRACE WIDTH IS SHOWN FOR FR4 WITH DIELECTRIC THICKNESS
.025” ± .002”; COPPER: 1/2 OZ. EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
Suggested Layout,
Tolerance to be within .002
PCB Land Pattern
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500,1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - MVA-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MVA-1000 MINI-MVA-1000 Datasheet
392Kb / 2P
Voltage Variable Attenuator
More results

Similar Description - MVA-2000

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VVA-2H-1.9G MERRIMAC-VVA-2H-1.9G Datasheet
108Kb / 2P
VOLTAGE VARIABLE ATTENUATOR
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
VOLTAGE VARIABLE ATTENUATOR
logo
M/A-COM Technology Solu...
MAAT-010521 MA-COM-MAAT-010521 Datasheet
198Kb / 6P
Voltage Variable Attenuator
MAATCC0013 MA-COM-MAATCC0013_15 Datasheet
730Kb / 6P
Voltage Variable Attenuator
logo
Mini-Circuits
EVA-2-75 MINI-EVA-2-75 Datasheet
490Kb / 2P
Voltage Variable Attenuator
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
Voltage Variable Attenuator
ZX73-2500 MINI-ZX73-2500 Datasheet
391Kb / 3P
Voltage Variable Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com