Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE2CP1034 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1034
Description  90 Degree Drop-In Hybrid Coupler From 225 MHz to 400 MHz Rated To 250 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1034 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1034 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1034 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1034 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1034 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1034 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1034 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 250 watts power
• 20 dB isolation
• 225 MHz to 400 MHz Frequency Range
• Gold plated leads
• 1.2:1 VSWR
• 1.62 inch by 0.56 inch package
• Attach to heat sink by two screws
Applications
Power amplifier
• Mixers
• Power dividers/combiners
• Antenna feeds
• Attenuators
• Switches
• Phase shifters
.
Description
The PE2CP1034 operates from 225 MHz to 400 MHz and can handle 250 watts of power with 20 dB isolation.
The package is 1.62 inch by 0.56 inch package and is attached to the heat sink by two screws. The gold plated
leads are soldered to the PCB. This 90 degree hybrid has a VSWR of 1.2:1 and an insertion loss of 0.25 dB.
The PE2CP1034 is part of Pasternack’s family of 90 degree hybrid couplers in drop-in packages. These couplers
feature small drop-in packages that can handle power up to 1000 watts. They are available in both narrow and broad
bandwidths. These quadrature hybrids are excellent for any situation to either equally split an input signal into two paths
with a 90 degree phase shift between them or to combine two signals while maintaining high isolation between them.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
225
400
MHz
Impedance
50
Ohms
Phase Difference
90
Degrees
Insertion Loss
0.25
dB
Isolation
20
dB
VSWR
1.2:1
Amplitude Balance
±50
dB
Phase Balance
±5
Degrees
Input Power (CW)
250
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 225 MHz to 400 MHz Rated To 250 Watts
PE2CP1034
PE2CP1034
PE2CP1034 REV 1.0
90 Degree Drop-In Hybrid Coupler From
225 MHz to 400 MHz Rated To 250 Watts
Hybrids Technical Data Sheet


Similar Part No. - PE2CP1034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
PE2CP1035 PASTERNACK-PE2CP1035 Datasheet
449Kb / 5P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 400 Watts
PE2CP1036 PASTERNACK-PE2CP1036 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 800 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
More results

Similar Description - PE2CP1034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1028 PASTERNACK-PE2CP1028 Datasheet
532Kb / 6P
90 Degree Drop-In Hybrid Coupler From 80 MHz to 1,000 MHz Rated to 250 Watts
PE2CP1029 PASTERNACK-PE2CP1029 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 100 MHz to 500 MHz Rated to 150 Watts
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
PE2CP1035 PASTERNACK-PE2CP1035 Datasheet
449Kb / 5P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 400 Watts
PE2CP1036 PASTERNACK-PE2CP1036 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 800 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1038 PASTERNACK-PE2CP1038 Datasheet
458Kb / 4P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated to 400 Watts
PE2CP1039 PASTERNACK-PE2CP1039 Datasheet
557Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 800 Watts
PE2CP1047 PASTERNACK-PE2CP1047 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.7 GHz Rated to 400 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com