Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W134SH Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W134SH
Description  Direct Rambus Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SH Datasheet(HTML) 1 Page - Cypress Semiconductor

  W134SH Datasheet HTML 1Page - Cypress Semiconductor W134SH Datasheet HTML 2Page - Cypress Semiconductor W134SH Datasheet HTML 3Page - Cypress Semiconductor W134SH Datasheet HTML 4Page - Cypress Semiconductor W134SH Datasheet HTML 5Page - Cypress Semiconductor W134SH Datasheet HTML 6Page - Cypress Semiconductor W134SH Datasheet HTML 7Page - Cypress Semiconductor W134SH Datasheet HTML 8Page - Cypress Semiconductor W134SH Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Direct Rambus™ Clock Generator
W134M/W134S
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07426 Rev. *B
Revised December 11, 2003
Features
• Differential clock source for Direct Rambus™ memory
subsystem for up to 800-MHz data transfer rate
• Provide synchronization flexibility: the Rambus®
Channel can optionally be synchronous to an external
system or processor clock
• Power-managed output allows Rambus Channel clock
to be turned off to minimize power consumption for
mobile applications
• Works with Cypress CY2210, W133, W158, W159, W161,
and W167 to support Intel® architecture platforms
• Low-power CMOS design packaged in a 24- pin QSOP
(150-mil SSOP) package
Description
The Cypress W134M/W134S provides the differential clock
signals for a Direct Rambus memory subsystem. It includes
signals to synchronize the Direct Rambus Channel clock to an
external system clock but can also be used in systems that do
not require synchronization of the Rambus clock.
Block Diagram
Pin Configuration
PLL
Phase
PCLKM
MULT0:1
REFCLK
SYNCLKN
Output
Logic
Logic
Test
Alignment
STOPB
S0:1
CLK
CLKB
S0
S1
VDD
GND
CLK
NC
CLKB
GND
VDD
MULT0
MULT1
GND
24
23
22
21
20
19
18
17
16
15
14
13
VDDIR
REFCLK
VDD
GND
GND
PCLKM
SYNCLKN
GND
VDD
VDDIPD
STOPB
PWRDNB
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - W134SH

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134SH CYPRESS-W134SH Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Silicon Laboratories
W134SH SILABS-W134SH Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134SHT CYPRESS-W134SHT Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Silicon Laboratories
W134SHT SILABS-W134SHT Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results

Similar Description - W134SH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
DIRECT RAMBUS CLOCK GENERATOR
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
DIRECT RAMBUS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCFR83A TI1-CDCFR83A_14 Datasheet
543Kb / 15P
DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com