Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE2CP1043 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2CP1043
Description  90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 125 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1043 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2CP1043 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1043 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1043 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1043 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1043 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1043 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
0 dB
500 MHz
Insertion Loss
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 125 Watts from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 125 Watts PE2CP1043
URL: http://www.pasternack.com/drop-in-coupler-500-mhz-3-ghz-125-watts-pe2cp1043-p.aspx
PE2CP1043
PE2CP1043 REV 1.0
90 Degree Drop-In Hybrid Coupler From
500 MHz to 3 GHz Rated to 125 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com