Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LYB6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYB6SP
Description  Power SIDELED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYB6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LYB6SP Datasheet HTML 1Page - OSRAM GmbH LYB6SP Datasheet HTML 2Page - OSRAM GmbH LYB6SP Datasheet HTML 3Page - OSRAM GmbH LYB6SP Datasheet HTML 4Page - OSRAM GmbH LYB6SP Datasheet HTML 5Page - OSRAM GmbH LYB6SP Datasheet HTML 6Page - OSRAM GmbH LYB6SP Datasheet HTML 7Page - OSRAM GmbH LYB6SP Datasheet HTML 8Page - OSRAM GmbH LYB6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-01-30
1
2017-01-30
Power SIDELED
Datasheet
Version 1.3
LY B6SP
Power SIDELED features a compact package with a
wide brightness range and high luminous efficiency.
Power SIDELED verfügt über eine platzsparende
Bauform mit einer breiten Spanne an Helligkeit und
hoher Lichtausbeute.
Features:
Besondere Merkmale:
Package: white PLCC-2 package, clear silicone
resin
Gehäusetyp: weisses PLCC-2 Gehäuse, klarer
Silikon - Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: yellow (590 nm)
Farbe: gelb (590 nm)
Optical efficiency (typ.): 44 lm/W (yellow)
Optischer Wirkungsgrad (typ.): 44 lm/W (gelb)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Exterior Automotive Lighting
Automobilbeleuchtung außen


Similar Part No. - LYB6SP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LYB480-EH SIEMENS-LYB480-EH Datasheet
429Kb / 7P
Symbol LED 5 mm x 2.5 mm, Partly Diffused
LYB480-EH SIEMENS-LYB480-EH Datasheet
94Kb / 1P
RECTANGULAR LED LAMP
LYB480-F SIEMENS-LYB480-F Datasheet
94Kb / 1P
RECTANGULAR LED LAMP
LYB480-G SIEMENS-LYB480-G Datasheet
429Kb / 7P
Symbol LED 5 mm x 2.5 mm, Partly Diffused
LYB480-G SIEMENS-LYB480-G Datasheet
94Kb / 1P
RECTANGULAR LED LAMP
More results

Similar Description - LYB6SP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com