Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM2N100CP Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N100CP
Description  Advanced planar process
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N100CP Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM2N100CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM2N100CP
Taiwan Semiconductor
4
Version: A1606
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Case
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VDS, Drain to Source Voltage (V)
Continuous Drain Current (A)
10
0
10
-5
10
-4
10
-3
10
-2
10
1
10
-1
10
-3
Square Wave Pulse Duration (s)
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single pulse
10
-1
10
-2
SINGLE PULSE
RӨJC=1.62˚C/W
Notes:
Duty = t1 / t2
TJ = TC + PDM x ZӨJC x RӨJC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com