Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C12948 Datasheet(PDF) 61 Page - Ledil, Inc.

Part # C12948
Description  Lena Reflector
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12948 Datasheet(HTML) 61 Page - Ledil, Inc.

Back Button C12948 Datasheet HTML 57Page - Ledil, Inc. C12948 Datasheet HTML 58Page - Ledil, Inc. C12948 Datasheet HTML 59Page - Ledil, Inc. C12948 Datasheet HTML 60Page - Ledil, Inc. C12948 Datasheet HTML 61Page - Ledil, Inc. C12948 Datasheet HTML 62Page - Ledil, Inc. C12948 Datasheet HTML 63Page - Ledil, Inc. C12948 Datasheet HTML 64Page - Ledil, Inc. C12948 Datasheet HTML 65Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 268 page
background image
A
D
3
2
4
1
DESIGNED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:2 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
-
pv
31.05.2012
Materials:
Base part, White PC.
Reflector, PC with metal coating
and clear lacquer.
(Optional sub lens, PC)
Tolerances for dimensions:
0-20mm tolerance value +-0.1mm
21-45mm tolerance value +-0.2mm
46-90mm tolerance value +-0.3mm
91-100mm tolerance value +-0.4mm
101-mm tolerance value +-0.5mm
Note:
Optional sublenses available,
increases assembly height by 3-4mm depending
style.
*Dimension with CXA20-led base part
vs
30.05.2012
hh
16.05.2012
Datasheet LENA-WAS reflector
Front view
A
Detail A
Fitting to base part
11
1
3.
2
35. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com