Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CA13613 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CA13613
Description  Rose Assembly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13613 Datasheet(HTML) 2 Page - Ledil, Inc.

  CA13613 Datasheet HTML 1Page - Ledil, Inc. CA13613 Datasheet HTML 2Page - Ledil, Inc. CA13613 Datasheet HTML 3Page - Ledil, Inc. CA13613 Datasheet HTML 4Page - Ledil, Inc. CA13613 Datasheet HTML 5Page - Ledil, Inc. CA13613 Datasheet HTML 6Page - Ledil, Inc. CA13613 Datasheet HTML 7Page - Ledil, Inc. CA13613 Datasheet HTML 8Page - Ledil, Inc. CA13613 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Notes
A
H
B
G
3
2
4
1
SCALE
WEIGHT -
A3
SHEET 1/1
Plastic molding general tolerances
are based on DIN 16901-130 and applies
if not otherwise shown in drawing.
Silicone molding general tolerances
are based on ISO 3302-1 Class M3
and applies if not otherwise shown in
the drawing.
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PRODUCT
ROSE
MECHANICAL DRAWING
INDEX PART
TYPE MATERIAL COLOR / COATING
1
C10278_ROSE-TAPE
Tape
2
C10520_ROSE-RS
PMMA
3
C13262_ROSE-Lt-HLD
white
COMPONENTS
CA13613_G2-OSS-2-RS_
PCB or heatsink level.
LED location.
Ensure LED fitting from a product specific 3D model available from
www.ledil.com.
5:1
Front view
Bottom view
21.6
LED position
Tape 0.4mm
Lens
Holder
Isometric view
Scale:
5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com