Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP10DB Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP10DB
Description  10W 1.5KVDC Wide Voltage Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DB Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP10DB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DB Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP10DB Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 / 2
DESCRIPTION
:
:
:
:
The rated output power of TP10DB converters is 10W,the outline dimensions is "25.4*25.4*11.2",
4:1 wide input voltage range,the voltage range is 9V-36V,18V-72V .The accuracy of the converter can
reach ±1%,it can be widely used in telecommunications,railway transportation, instrument and etc.
11110000WWWW 1.5KVDC
1.5KVDC
1.5KVDC
1.5KVDC Wide Voltage Input DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Voltage accuracy
±1
%
Adjustment rate
±0.2
%
Load effect
±0.5
%
Dynamic Response
50~75% Load
±4%Vo
Overshoot
%
Dynamic Response
50~25% Load
400µS
Recovery Time
%
Temperature drift coefficient
±0.02
%/
℃
Ripple & Noise
20MHz Bandwidth
100
mVp-p
FEATURES
10W output power
Long-term short-circuit protection, Auto recovery
High switching frequency , High output density
Metal shell package ( full shield)
With remote control and output adjustment function
RoHS compliant
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ)
%
Ripple and noise
(mV)
Voltage (VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP10DB24S05W
24(4:1)
9-36
5.05
2.0
84
100
TP10DB24S24W
24(4:1)
9-36
24
0.42
86
100
TP10DB48S05W
48(4:1)
18-72
5.05
2.0
84
100
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input Voltage
9
24
36
VDC
Input Voltage
18
48
72
VDC
Remote Control
CNT side plus level, the reference voltage is -Vin
High frequency electric or floating , low level or ground power supply work,
output power was turned off
GENERAL CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolation voltage
Input-Ouput
1500
VDC
Isolation voltage
Input - shell
1500
VDC
Isolation voltage
Output nput - shell
500
VDC
Insulation resistance
500VDC
100
M
Ω
Switching frequency
300
KHZ
Environment temperature
-40
+95
℃
Working case temperature
-40
+95
℃
Storage temperature
-40
+105
℃
Relative humidity
10
90
%
MTBF
Mil HDBK 217F Tc=25
℃
2
×10
6


Similar Part No. - TP10DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB12S05 TOPPOWER-TP10DB12S05 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB12S05 TOPPOWER-TP10DB12S05 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB12S12 TOPPOWER-TP10DB12S12 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Similar Description - TP10DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com