Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG7NT4192V Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG7NT4192V
Description  Power Good Generator Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4192V Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG7NT4192V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4192V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SLG7NT4192
Power Good Generator Logic
SLG7NT4192_DS_r011
Preliminary
Page 4
4
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max. Unit
VDD
Supply Voltage
3.135
3.3
3.465
V
TA
Operating Temperature
-40
25
85
°C
IQ
Quiescent Current
Static inputs and outputs
--
85
--
μA
VIH
HIGH-Level Input Voltage
Logic Input
1.8
--
--
--
VIL
LOW-Level Input Voltage
Logic Input
--
--
1.3
V
IIH
HIGH-Level Input Current
Logic Input Pins; VIN =3.3V
-1.0
--
1.0
μA
IIL
LOW-Level Input Current
Logic Input Pins; VIN =0V
-1.0
--
1.0
μA
VOL
LOW-Level Output Voltage
Open Drain,
IOL = 3 mA, 1X Driver
--
0.080
0.15
V
IOL
LOW-Level Output Current
Open Drain, VOL = 0.4 V, 1X Driver
7.3
12
--
mA
VO
Maximal Voltage Applied to
any PIN in High-Impedance
State
--
--
VDD
V
VACMP0
Analog Comparator Reference
Voltage
Including ACMP0 voltage reference
T.B.D.
950
T.B.D.
mV
VACMP1
Analog Comparator Reference
Voltage
Including ACMP1 voltage reference
T.B.D.
950
T.B.D.
mV
VACMP2
Analog Comparator Reference
Voltage
Including ACMP2 voltage reference
T.B.D.
950
T.B.D.
mV
VACMP3
Analog Comparator Reference
Voltage
Including ACMP3 voltage reference
T.B.D.
950
T.B.D.
mV
VHYST
Analog Comparator Hysteresis
Voltage
ACMP0, ACMP1, ACMP2, ACMP3
T.B.D.
50
T.B.D.
mV
VOFFSET
Analog Comparator Offset
Voltage
ACMP0, ACMP1, ACMP2, ACMP3
--
±5
--
mV
TDLY0
Delay0 Time
T.B.D.
2.5
T.B.D.
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com