Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG7NT4505 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG7NT4505
Description  1 Hz Interrupt Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4505 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG7NT4505 Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4505 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1 Hz Interrupt Generator
SLG7NT4505
SLG7NT4505_DS_r011
Preliminary
Page 2
2
Pin Configuration
Pin #
Pin Name
Type
Pin Description
1
VDD
Power
3.3V Supply Voltage
2
NMI_GATE
Digital Input
Digital Input without Schmitt trigger
3
MBL_PGOOD_MR
Digital Input
Digital Input without Schmitt trigger
4
SENSE
Analog
Input/Output
Analog Input/Output
5
GND
GND
Ground
6
SMC_INIT_CLK
Digital Output
Open Drain NMOS 1X
7
SMC_RST_N
Digital Output
Open Drain NMOS 1X
8
EX_VREF
Analog
Input/Output
Analog Input/Output
Exposed
Bottom Pad
GND
GND
Ground
Ordering Options & Configuration
Part Number
Package Type
SLG7NT4505V
V = TDFN-8
SLG7NT4505VTR
VTR = TDFN-8 – Tape and Reel (3k units)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com